Part Number Hot Search : 
CA37NL21 ADE209 ECA0J 74LS157 AS321K THN6702 2SC34 06C10
Product Description
Full Text Search
 

To Download S8050 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
UTC S8050
NPN EPITAXIAL SILICON TRANSISTOR
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR
DESCRIPTION
The UTC S8050 is a low voltage high current small signal NPN transistor, designed for Class B push-pull audio amplifier and general purpose applications.
1
FEATURES
*Collector current up to 700mA *Collector-Emitter voltage up to 20 V *Complementary to S8550
TO-92
1:EMITTER
2:BASE
3: COLLECTOR
ABSOLUTE MAXIMUM RATINGS (Ta=25C, unless otherwise specified )
PARAMETER
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Dissipation(Ta=25C) Collector Current Junction Temperature Storage Temperature
SYMBOL
VCBO VCEO VEBO Pc Ic Tj TSTG
VALUE
30 20 5 1 700 150 -65 ~ +150
UNIT
V V V W mA C C
ELECTRICAL CHARACTERISTICS (Ta=25C, unless otherwise specified)
PARAMETER
Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-Off Current Emitter Cut-Off Current DC Current Gain(note)
SYMBOL
BVCBO BVCEO BVEBO ICBO IEBO hFE1 hFE2 hFE3 VCE(sat) VBE(sat) VBE fT Cob
TEST CONDITIONS
Ic=100A,IE=0 Ic=1mA,IB=0 IE=100A,Ic=0 VCB=30V,IE=0 VEB=5V,Ic=0 VCE=1V,Ic=1mA VCE=1V,Ic=150 mA VCE=1V,Ic=500mA Ic=500mA,IB=50mA Ic=500mA,IB=50mA VCE=1V,Ic=10mA VCE=10V,Ic=50mA VCB=10V,IE=0 f=1MHz
MIN
30 20 5
TYP
MAX
UNIT
V V V A nA
1 100 100 120 40 110 400 0.5 1.2 1.0 100 9.0
Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Base-Emitter Saturation Voltage Current Gain Bandwidth Product Output Capacitance
V V V MHz pF
UTC
UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R201-013,A
UTC S8050
RANK RANGE
NPN EPITAXIAL SILICON TRANSISTOR
C 120-200 D 160-300 E 280-400
CLASSIFICATION OF hFE2
TYPICAL PERFORMANCE CHARACTERISTICS
Fig.1 Static characteristics
0.5
Fig.2 DC current Gain
3 10 2 10
Fig.3 Base-Emitter on Voltage
IB=3.0mA IB=2.5mA IB=2.0mA
Ic,Collector current (mA)
Ic,Collector current (mA)
VCE=1V
HFE, DC current Gain
0.4
VCE=1V
1 10
2 10
0.3
IB=1.5mA
0.2
IB=1.0mA IB=0.5mA
1 10
0 10
0.1
0 0 0.4 0.8 1.2 1.6 2.0
0 10
-1 10
0 10
1 10
2 10
3 10
-1 10 0 0.2 0.4 0.6 0.8 1.0
Collector-Emitter voltage ( V)
Ic,Collector current (mA)
Base-Emitter voltage (V)
Fig.4 Saturation voltage
4 10 3 10
Fig.5 Current gain-bandwidth product
3 10
Fig.6 Collector output Capacitance
Cob,Capacitance (pF)
Ic=10*IB VBE(sat)
3 10
Current Gain-bandwidth product,fT(MHz)
Saturation voltage (mV)
VCE=10V
2 10
2 10
f=1MHz IE=0
2 10
1 10
1 10
VCE(sat)
1 10
-1 10
0 10
1 10
2 10
3 10
0 10 0 10
1 10
2 10
3 10
0 10
0 10
1 10
2 10
3 10
Ic,Collector current (mA)
Ic,Collector current (mA)
Collector-Base voltage (V)
UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.
UTC
UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R201-013,A


▲Up To Search▲   

 
Price & Availability of S8050

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X